Part Number Hot Search : 
LTM4623 88523 MCP2155 RL204 ZPD20 RTL8208 L31Y5R6K 25L64
Product Description
Full Text Search
 

To Download PPC-EXP-L127E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PPC-L127T
Features
12.1" Fanless Panel PC with Intel(R) Celeron(R) M Processor
12.1" TFT SVGA LCD with optional resistive touchscreen Embedded Intel(R) ULV Celeron(R) M 1 GHz System memory up to 1 GB DDR Optional Smart Battery Module with UPS functionality Window(R) CE 6.0 and XPE available Removable front bezel Fanless and ultra-low power consumption Automatic data flow control over RS-485 (COM2) Supports GPIO function (optional)
Introduction
The PPC-L127T is a panel computer designed without a fan, which makes it an ideal solution for low noise operating environments and clean room applications. PPC-L127T has two power sources; an optional battery pack and an optional AC power supply. The battery charges when the PPC-L127T is connected to the AC power adapter. The optional rechargeable battery pack has more than 60 minutes battery life and can be used as a UPS during unexpected loss of power. The smart battery indicates state of charge and the percentage of remaining power. PPC-L127T's ultra-low power consumption saves energy and maximizes battery life. PPC-L127T meets the VESA standard for mounting holes so that it can be used in many different kinds of installations. The front bezel can be removed to make maintenance of the LCD and touchscreen easier and quicker. The support for one CompactFlash disk also makes system maintenance more convenient.
Specifications
CPU Secondary Cache Memory Combo Drive SSD HDD Network (LAN) Embedded Intel ULV Celeron M 1.0 GHz None 1 x 184-pin DIMM sockets, supporting DDR200/266 modules for up to 1 GB Optional 989KL12710E 1 x type II CompactFlash socket, built-in 128 MB CF card in PPC-L127T-CE-RTE. 1 x internal IDE interface, 2.5" type 10/100 Mbps Ethernet - 4 x serial ports: RS-232 x 3, RS-232/422/485 x 1 - 1 x parallel port - 6 x USB ports (4 x external, 2 x internal) - 1 x PS/2 mouse and keyboard - Mic-in, Line-in, Line-out - 1 x VGA port - 2 x 1.3 W speakers - 8-bit GPIO through COM3 (Optional) 1 x expansion slot for PCI/ISA card 1 x MINI PCI expansion slot IP65/NEMA 4 compliant 3.25 kg (7.151 lb) 340.5 x 269.3 x 70.5 mm (13.41" x 10.6" x 2.78") Microsoft Windows XPE, CE, XP pro, 2000 12-25 V DC, 4.5 A max; 15-25 V DC with Battery Pack 12.1" TFT LCD 800 x 600 , Optional 1024 x 768 262 K 0.3075 x 0.3075 70 (left), 70 (right), 60 (up), 50 (down) 400 cd/m2 -30 - 85 C Yes 50,000 hours (min) Analog Resistive (5 wires) (Resistive with Sunlight Readable as an option)) Continuous 80% USB interface < 5 V @ 60 mA Supports Windows NT/98/2000/ME/XP 35 million
Processor System
Fully Integrated I/O and Speakers
Bus Expansion Front Panel Protection Weight Dimensions (W x H x D) OS Support Supply Input Voltage Display Type Max. Resolution Colors Dot Size (mm) Viewing Angle Luminance Operating Temperature Brightness Control Backlight Lifetime Type Resolution Light Transmission Controller Power Consumption Software Driver Durability (Touches)
LCD Display
Touchscreen (Optional)
Online Download www.advantech.com/products
PPC-L127T Dimensions
308.01
Unit: mm (inch)
340.5
10
60.5 M4 Tap. 316 180
269.3
238.5
236.81
cutout
309.5 M4 Tap. isonly for front mount.
Specifications
Environmental Specifications Operating Temperature Storage Temperature Relative Humidity Shock EMC Safety Vibration 0-50 C (32-112 F); 0-40 C With Battery Pack -20 ~ 60 C 10 ~ 95% @ 40 C (non-condensing) 10 G peak acceleration (11 msec. duration) BSMI, CE, FCC Class B CB, CCC, BSMI, UL 1G
Ordering Information
Part No. PPC-L127T-080-XE PPC-L127T-R80-XE PPC-L127T-CE-RTE Description Intel ULV Celeron M only for processor-based Fanless Panel Computer with 12.1" TFT LCD PPC-L127T-080 with Resistive Touch screen PPC-L127T with Windows CE.Net 6.0 on 128 MB CompactFlash
Accessories
Part No. PPC-ARM-A03 PPC-EXP-L127E PPC-L126 WL-MT PPC-L126Rack-MT PS-DC19-L60 989KL12710E 989KL12711E 989KL12709E 989KL12712E 1700001524 170203183C 1760000837 Description VESA standard ARM for PPC series PCI/ISA Expansion kit for PPC-L127T Wall Mount Kit for PPC-L126T 19" Rack Mounting Kit for PPC-L126 19V DC power adapter module for PPC-L60/L127 Combo ASS'Y Kit for PPC-L127T CD-ROM ASS'Y Kit for PPC-L127T Wireless LAN Module for PPC-L127T DVD-RW ASS'Y for PPC-L127T Power cable 3P/3P power supply 1.8 M FPM-306 Power CABLE 3P Europe (WS-010 + 083) 183 cm Smart Li-ion 3S2P 11.1V 4400mAh-LTC4006/ L127
Fully-Integrated I/O
AB C D E F G
HI J
K
L
M
A. Main power switch B. USB 2.0 x 4 C. Ethernet jack D. PS/2 mouse and keyboard E. VGA port F. PCI/ISA expansion slot cover G. DC inlet
H. Line-in jack I. Line-out jack J. Mic-in jack K. Parallel port L. Serial ports M. Battery door cover
Panel PCs
All product specifications are subject to change without notice Last updated : 24-Mar-2009
160 244.8


▲Up To Search▲   

 
Price & Availability of PPC-EXP-L127E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X